Part Number Hot Search : 
SR604 NJU9214 2SK3254 50222 DFS45424 EZ1585B 2SK12 04365
Product Description
Full Text Search
 

To Download TGA1071-EPU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advance Product Information
36 - 40 GHz Power Amplifier
* * * * * *
TGA1071-EPU
0.25um pHEMT Technology 36-40 GHz Frequency Range 22 dBm Nominal Pout @ P1dB 15 dB Nominal Gain 5V, 120 mA Bias Chip Dimensions 3.4mm x 2.1mm
Key Features and Performance
Primary Applications
* *
The TriQuint TGA1071-EPU is a two stage PA MMIC design using TriQuint' proven s 0.25 um Power pHEMT process to support a variety of millimeter wave applications including point-to-point digital radio and point-to-multipoint systems. The two-stage design consists of two 300 um input devices driving a pair of 400 um output devices. The TGA1071 provides 22dBm of output power across 36-40 GHz with a typical small signal gain of 15dB. The TGA1071 requires minimum off-chip components. Each device is 100% DC and RF tested on-wafer to ensure performance compliance. The device is available in chip form.
25.00
Point-to-Point Radio Point-Multipoint Radio
TGA1071 Typical RF Performance (Fixtured)
20 15 10 Gain and Return Loss (dB) 5 0 -5 -10 -15 -20 -25 32.0
s11
s22
33.0
34.0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
Frequency (GHz)
Small Signal Gain
TGA1071 RF Probe Summary Data
20.00
Pout (dBm)
15.00
10.00
5.00
0.00 36 37 38 39 40
Frequency (GHz)
Pout at 1dB Gain Compression
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. Specifications subject to change without notice
TriQuint Semiconductor Texas : Phone (972)994 8465
Fax (972)994 8504 Web: www.triquint.com
1 1
Advance Product Information
Electrical Characteristics
RECOMMENDED MAXIMUM RATINGS Symbol V+ I+ PD PIN TCH TM TSTG 1/ 2/ Parameter Positive Supply Voltage Positive Supply Current Power Dissipation Input Continuous Wave Power Operating Channel Temperature Mounting Temperature (30 seconds) Storage Temperature Value 7V .4 A 2.8 W 20 dBm 150 C 320 C -65 to 150 C C Notes 3/
1/, 2/
These ratings apply to each individual FET Junction operating temperature will directly affect the device mean time to failure (MTTF). For maximum life it is recommended that junction temperatures be maintained at the lowest possible levels. Total current for both stages
3/
DC PROBE TESTS (TA = 25 5 C C) Symbol Idss VP1-5 BVGS1 BVGD1-5 Parameter Saturated Drain Current (info only) Pinch-off Voltage Breakdown Voltage gate-source Breakdown Voltage gate-drain Minimum 140 -1.5 -30 -30 Maximum 658 -0.5 -8 -8 Value mA V V V
ON-WAFER RF PROBE CHARACTERISTICS (TA = 25 5 C C) Symbol Parameter Test Condition Vd=5V, Id=120mA F = 36 to 40 GHz F = 38 GHz Limit Min Nom Max 15 13 -10 -10 22 Units
Gp
Small-signal Power Gain
IRL ORL PWR
Input Return F = 36 to 40 GHz Loss Output Return F = 36 to 40 GHz Loss Output Power F = 36 to 40 GHz
dB dB dB dB dB dBm
Note: RF probe data is taken at 0.4 GHz steps
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. Specifications are subject to change without notice.
TriQuint Semiconductor Texas : Phone (972)994 8465
Fax (972)994 8504 Web: www.triquint.com
2
Advance Product Information
Statistical Performance Summary
TGA1071 RF Probe Summary Data
25.00
TGA1071 RF Probe Summary Data
14 12 10 Gain (dB)
Pout (dBm) 20.00
8 6 4 2 0 36.0 36.4 36.8 37.2 37.6 38.0 38.4 38.8 39.2 39.6 40.0 Frequency (GHz)
15.00
10.00
5.00
0.00 36 37 38 Frequency (GHz) 39 40
Small Signal Gain
Output Power Wafer 9818801-2
678 devices
TGA1071 RF Probe Summary Data
0 -2 -4 -6 -8 -10 -12 -14 -16 -18 -20 36 36.4 36.8 37.2 37.6 38 38.4 38.8 39.2 39.6 40 Frequency (GHz) 0 -2 -4 s22 (dB) -6 -8 -10 -12 -14 -16 36
TGA1071 RF Probe Summary Data
s11 (dB)
36.4 36.8 37.2 37.6
38
38.4 38.8 39.2 39.6
40
Input Return Loss
Output Return Loss
Frequency (GHz)
Freq (GHz) 36.0 36.4 36.8 37.2 37.6 38.0 38.4 38.8 39.2 39.6 40.0
S11 Mag 0.593 0.569 0.508 0.448 0.328 0.191 0.086 0.202 0.324 0.460 0.567
S11 Ang 88.8 83.3 75.6 66.9 59.0 48.8 -18.0 -147.6 -159.9 -170.3 179.8
S21 Mag 5.060 5.037 5.174 5.327 5.142 5.109 5.480 5.274 4.896 4.527 3.929
S21 Ang -116.0 -136.2 -156.1 -172.3 170.3 151.1 132.6 108.3 88.1 67.1 47.1
S12 Mag 0.024 0.030 0.031 0.035 0.036 0.036 0.040 0.036 0.032 0.029 0.023
S12 Ang 179.8 163.2 148.6 133.6 119.4 106.1 90.8 69.8 55.1 44.9 27.3
S22 Mag 0.215 0.210 0.182 0.159 0.228 0.293 0.353 0.494 0.554 0.566 0.576
S22 Ang 125.6 122.5 136.4 151.4 170.4 180.0 -175.6 174.7 166.0 161.5 157.2
Typical s-parameters
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. Specifications are subject to change without notice.
TriQuint Semiconductor Texas : Phone (972)994 8465
Fax (972)994 8504 Web: www.triquint.com
3
Advance Product Information
Mechanical Characteristics
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process specifications. Specifications are subject to change without notice.
TriQuint Semiconductor Texas : Phone (972)994 8465
Fax (972)994 8504 Web: www.triquint.com
4
Advance Product Information
Chip Assembly and Bonding Diagram
Reflow process assembly notes: * * * * * AuSn (80/20) solder with limited exposure to temperatures at or above 300C alloy station or conveyor furnace with reducing atmosphere no fluxes should be utilized coefficient of thermal expansion matching is critical for long-term reliability storage in dry nitrogen atmosphere
Component placement and adhesive attachment assembly notes: * * * * * * * vacuum pencils and/or vacuum collets preferred method of pick up avoidance of air bridges during placement force impact critical during auto placement organic attachment can be used in low-power applications curing should be done in a convection oven; proper exhaust is a safety concern microwave or radiant curing should not be used because of differential heating coefficient of thermal expansion matching is critical
Interconnect process assembly notes: * * * * * thermosonic ball bonding is the preferred interconnect technique force, time, and ultrasonics are critical parameters aluminum wire should not be used discrete FET devices with small pad sizes should be bonded with 0.0007-inch wire maximum stage temperature: 200C
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should be observed during handling, assembly and test.
TriQuint Semiconductor Texas : Phone (972)994 8465 Fax (972)994 8504 Web: www.triquint.com
5


▲Up To Search▲   

 
Price & Availability of TGA1071-EPU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X